Part Number Hot Search : 
KMM53 HMA121AV RP421 PNZ323 K2538 82000 PU300A12 XMP6A1
Product Description
Full Text Search
 

To Download ADF5000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4 GHz to 18 GHz Divide-by-2 Prescaler ADF5000
FEATURES
Divide-by-2 prescaler High frequency operation: 4 GHz to 18 GHz Integrated RF decoupling capacitors Low power consumption Active mode: 30 mA Power-down mode: 17 mA Low phase noise: -147 dBc/Hz Single dc supply: 3.3 V compatible with ADF4xxx PLLs Temperature range: -40C to +105C Small package: 3 mm x 3 mm LFCSP
FUNCTIONAL BLOCK DIAGRAM
CE
BIAS
ADF5000
VDDx 100 100 1pF RFOUT RFOUT 1pF
3pF RFIN
DIVIDE BY 2
50
09129-001
APPLICATIONS
PLL frequency range extender Point-to-point radios VSAT radios Communications test equipment
GND
Figure 1.
GENERAL DESCRIPTION
The ADF5000 prescaler is a low noise, low power, fixed RF divider block that can be used to divide down frequencies as high as 18 GHz to a lower frequency suitable for input to a PLL IC, such as the ADF4156 or the ADF4106. The ADF5000 provides a divide-by-2 function. The ADF5000 operates from a 3.3 V supply and has differential 100 RF outputs to allow direct interface to the differential RF inputs of PLLs such as the ADF4156 and ADF4106.
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. www.analog.com Tel: 781.329.4700 Fax: 781.461.3113 (c)2011 Analog Devices, Inc. All rights reserved.
ADF5000 TABLE OF CONTENTS
Features .............................................................................................. 1 Applications ....................................................................................... 1 General Description ......................................................................... 1 Functional Block Diagram .............................................................. 1 Revision History ............................................................................... 2 Specifications..................................................................................... 3 Absolute Maximum Ratings ............................................................ 4 ESD Caution .................................................................................. 4 Pin Configuration and Function Descriptions..............................5 Typical Performance Characteristics ..............................................6 Evaluation Board PCB ......................................................................7 PCB Material Stack-Up ................................................................7 Bill of Materials ..............................................................................7 Application Circuit ............................................................................8 Outline Dimensions ..........................................................................9 Ordering Guide .............................................................................9
REVISION HISTORY
1/11--Revision 0: Initial Version
Rev. 0 | Page 2 of 12
ADF5000 SPECIFICATIONS
VDD1 = VDD2 = 3.3 V 10%, GND = 0 V; dBm referred to 50 ; TA = TMIN to TMAX, unless otherwise noted. The operating temperature range is -40C to +105C. Table 1.
Parameter RF CHARACTERISTICS Input Frequency RF Input Sensitivity Output Power Min 4 -10 -10 -7 200 400 Typ Max 18 +10 -5 -2 330 660 1000 Phase Noise Reverse Leakage Second Harmonic Content Third Harmonic Content Fourth Harmonic Content Fifth Harmonic Content CE INPUT Input High Voltage, VIH Input Low Voltage, VIL POWER SUPPLIES Voltage Supply IDD (IDD1 + IDD2) Active Power-Down -147 -60 -28 -12 -37 -19 2.2 0.3 3.0 3.3 30 17 3.6 60 30 Unit GHz dBm dBm dBm mV p-p mV p-p mV p-p dBc/Hz dBm dBc dBc dBc dBc V V V mA mA CE is high CE is low Test Conditions/Comments
Output Voltage Swing
4 GHz to 18 GHz Single-ended output connected into 50 load Differential outputs connected into 100 differential load Peak-to-peak voltage swing on each single-ended output, connected into 50 load Peak-to-peak voltage swing on differential output, connected into 100 differential load Peak-to-peak voltage swing on each single-ended output, no load condition Input frequency (fIN) = 12 GHz, offset = 100 kHz RF input power (PIN) = 0 dBm, RFOUT = 4 GHz
Rev. 0 | Page 3 of 12
ADF5000 ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter VDDx to GND RFIN Operating Temperature Range Industrial (B Version) Storage Temperature Range Maximum Junction Temperature LFCSP JA Thermal Impedance Peak Temperature Time at Peak Temperature Rating -0.3 V to +3.9 V 10 dBm -40C to +105C -65C to +150C 150C 27.3C/W 260C 40 sec
This device is a high performance RF integrated circuit with an ESD rating of 2 kV, human body model (HBM) and is ESD sensitive. Implement proper precautions for handling and assembly.
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Rev. 0 | Page 4 of 12
ADF5000 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
15 VDD1 14 VDD2 16 GND 13 GND
GND 1 RFIN 2 GND 3 GND 4
PIN 1 INDICATOR
12 GND 11 RFOUT 10 RFOUT 9 GND
ADF5000
TOP VIEW (Not to Scale)
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No. 1, 3, 4, 5, 8, 9, 12, 13, 16 2 6 7 10 11 14 15 Mnemonic GND RFIN NC CE RFOUT RFOUT VDD2 VDD1 EPAD Description RF Ground. Tie all ground pins together. Single-Ended 50 Input to the RF Prescaler. This pin is ac-coupled internally via a 3 pF capacitor. No Connect. Do not connect to this pin. Chip Enable. This pin is active high. When CE is brought low, the part enters power-down mode. If this functionality is not required, the pin can be left unconnected because it is pulled up internally through a weak pull-up resistor. Divided-Down Output of the Prescaler. This pin has an internal 100 load resistor tied to VDD2 and an ac coupling capacitor of 1 pF. Complementary Divided Down Output of the Prescaler. This pin has an internal 100 load resistor tied to VDD2 and an ac coupling capacitor of 1 pF. Voltage Supply for the Output Stage. Decouple this pin to ground with a 0.1 F capacitor in parallel with a 10 pF capacitor. VDD2 can be tied directly to VDD1. Voltage Supply for the Input Stage and Divider Block. Decouple this pin to ground with a 0.1 F capacitor in parallel with a 10 pF capacitor. The LFCSP has an exposed paddle that must be connected to GND.
Rev. 0 | Page 5 of 12
09129-002
NOTES 1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN. 2. THE EXPOSED PADDLE MUST BE CONNECTED TO GND.
GND 8
GND 5
NC 6
CE 7
ADF5000 TYPICAL PERFORMANCE CHARACTERISTICS
0
-5 FIRST HARMONIC -10
MINIMUM INPUT POWER (dBm)
-10
RF OUTPUT POWER (dBm)
-15 -20 -25 -30 -35 -40 2.4
-20
THIRD HARMONIC
-30
FIFTH HARMONIC
-40
-50
09129-003
0
5
20 10 15 RF INPUT FREQUENCY (GHz)
25
30
2.7
3.0 VDDx (V)
3.3
3.6
Figure 3. RF Input Sensitivity
20 18 16 14
ICCOUT AT fIN = 10GHz PIN = 0dBm ICCIN AT fIN = 10GHz PIN = 0dBm
Figure 6. RF Output Harmonic Content vs. VDDx
0
POUT AT POUT AT POUT AT
PIN = 0dBm VCC = 3V PIN = 0dBm VCC = 3.3V PIN = 0dBm VCC = 3.6V
ICC (mA)
12 10 8 6 4 2
2.7 2.9 3.1 3.3 VCC (V) 3.5 3.7 3.9
09129-104
RF OUTPUT POWER (dBm)
-5
0
5
10
15
20
25
30
RF INPUT FREQUENCY (GHz)
Figure 4. IDD1 and IDD2 vs. VDDx, fIN = 10 GHz, PIN = 0 dBm
0 -2 -4 POUT AT fIN = 10GHz PIN = 0dBm
Figure 7. RF Output Power vs. RF Input Frequency, fIN = 10 GHz, VDD = 3.3 V
OUTPUT POWER (dBm)
-6 -8 -10 -12 -14 -16 -18
2.7 2.9 3.1 3.3 3.5 3.7 3.9
09129-105
-20 2.5
VCC (V)
Figure 5. RF Output Power (Single-Ended) vs. VDDx, fIN = 10 GHz, PIN = 0 dBm
Rev. 0 | Page 6 of 12
09129-107
0 2.5
-10
09129-106
-60
VDD = 3.0V VDD = 3.3V VDD = 3.6V
ADF5000 EVALUATION BOARD PCB
The evaluation board has four connectors as shown in Figure 8. The RF input connector (J4) is a high frequency precision SMA connector from Emerson. This connector is mechanically compatible with SMA, 3.5 mm, and 2.92 mm cables.
PCB MATERIAL STACK-UP
The evaluation board is built using Rogers RO4003C material (0.008 inch). RF track widths are 0.015 inch to achieve a controlled 50 characteristic impedance. The complete printed circuit board (PCB) stack-up is shown in Figure 9.
1.5oz (53m) FINISHED COPPER ROGERS RO4003C LAMINATE 0.008"
r = 3.38. STARTING COPPER WEIGHT 0.5oz/0.5oz
0.5oz (18m) FINISHED COPPER
FR4 PREPREG 0.0372"
0.062" 0.003" COPPER TO COPPER
09129-008
Figure 8. Evaluation Board Silkscreen--Top View
0.5oz (18m) FINISHED COPPER
The evaluation board is powered from a single 3.0 V to 3.6 V supply, which should be connected to the J1 SMA connector. The power supply can also be connected using the T3 (VDDx) and T2 (GND) test points. The differential RF outputs are brought out on the J2 and J3 SMA connectors. If only one of the outputs is being used, the unused output should be correctly terminated using a 50 SMA termination. The chip enable (CE) pin can be controlled using the T1 test point. If this function is not required, the test point can be left unconnected.
ROGERS RO4003C LAMINATE 0.008"
r = 3.38. STARTING COPPER WEIGHT 0.5oz/0.5oz
1.5oz (53m) FINISHED COPPER
09129-009
Figure 9. Evaluation Board PCB Layer Stack-Up
BILL OF MATERIALS
Table 4.
Qty. 1 1 3 1 3 1 Reference Designator C1 C2 J1, J2, J3 J4 T1, T2, T3 U1 Description 0.1 F, 0603 capacitor 10 pF, 0402 capacitor SMA RF connector SMA RF connector Test points ADF5000 RF prescaler Supplier Murata Murata Emerson Emerson Vero Analog Devices, Inc. Part Number GRM188R71H104KA93D GRM1555C1H100JZ01D 142-0701-851 142-0761-801 20-2137 ADF5000BCPZ
Rev. 0 | Page 7 of 12
ADF5000 APPLICATION CIRCUIT
The ADF5000 can be connected either single-ended or differentially to any of the Analog Devices PLL family of ICs. It is recommended that a differential connection be used for best performance and to achieve maximum power transfer. The application circuit shown in Figure 10 shows the ADF5000 used as the RF prescaler in a microwave 12 GHz PLL loop. The ADF5000 divides the 12 GHz RF signal down to 6 GHz, which is input differentially into the ADF4156 PLL. An active filter topology, using the OP184 op amp, is used to provide the wide tuning ranges typically required by microwave VCOs. The positive input pin of the OP184 is biased at half the ADF4156 charge pump supply (VP). This can be easily achieved using a simple resistor divider, ensuring sufficient decoupling close to the +IN A pin of the OP184. This configuration, in turn, allows the use of a single positive supply for the op amp. Alternatively, to optimize performance by ensuring a clean bias voltage, a low noise regulator such as the ADP150 can be used to power the resistor divider network or the +IN A pin directly.
1.8nF 10pF 0.1F 330 47nF
VDD1
VDD2 RFOUT RFOUT GND DECOUPLING INTEGRATED
ADF4156
PLL RFINA RFINB 220 CP VP/2 820pF
RFIN
ADF5000
PRESCALER
OP184
OP AMP
1k
1F
1.8nF
6dB ATTENUATION PAD 37 150 150
MICROWAVE VCO 18 RFOUT VTUNE
18
12GHz OUT
Figure 10. ADF5000 Used as the RF Prescaler in a Microwave 12 GHz PLL Loop
Rev. 0 | Page 8 of 12
09129-010
ADF5000 OUTLINE DIMENSIONS
PIN 1 INDICATOR 3.10 3.00 SQ 2.90 0.50 BSC 0.30 0.25 0.18
13 12 EXPOSED PAD 16 1
PIN 1 INDICATOR
1.60 1.50 SQ 1.40
4 5
9
TOP VIEW 0.80 0.75 0.70 SEATING PLANE
0.45 0.40 0.35
8
0.25 MIN
BOTTOM VIEW FOR PROPER CONNECTION OF THE EXPOSED PAD, REFER TO THE PIN CONFIGURATION AND FUNCTION DESCRIPTIONS SECTION OF THIS DATA SHEET.
0.05 MAX 0.02 NOM COPLANARITY 0.08 0.20 REF
COMPLIANT TO JEDEC STANDARDS MO-220-WEED-6.
Figure 11. 16-Lead Lead Frame Chip Scale Package [LFCSP_WQ] 3 mm x 3 mm Body, Very Very Thin Quad (CP-16-18) Dimensions shown in millimeters
ORDERING GUIDE
Model1 ADF5000BCPZ ADF5000BCPZ-RL7 EVAL-ADF5000EB2Z
1
Temperature Range -40C to +105C -40C to +105C
Package Description 16-Lead Lead Frame Chip Scale Package (LFCSP_WQ) 16-Lead Lead Frame Chip Scale Package (LFCSP_WQ), 7" Tape & Reel Evaluation Board
111808-A
Package Option CP-16-18 CP-16-18
Z = RoHS Compliant Part.
Rev. 0 | Page 9 of 12
ADF5000 NOTES
Rev. 0 | Page 10 of 12
ADF5000 NOTES
Rev. 0 | Page 11 of 12
ADF5000 NOTES
(c)2011 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D09129-0-1/11(0)
Rev. 0 | Page 12 of 12


▲Up To Search▲   

 
Price & Availability of ADF5000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X